PART |
Description |
Maker |
C451 C451PN C451L C451LB C451LD C451PD C451PM C451 |
Phase Control SCR 1500 Amperes Average 2400 Volts 1200V, 1500A phase control single thyristor
|
Powerex Power Semicondu... POWEREX INC POWEREX[Powerex Power Semiconductors]
|
C180C500 C180B500 C180EX500 C180MX500 C180M500 |
300 A, 500 V, SCR Phase Control SCR 190 Amperes Average 600 Volts 600V, 190A phase control single thyristor
|
POWEREX INC Powerex Power Semiconductors
|
C781PN C781 C781L C781LA C781PB C781PD C781PM |
Phase Control SCR 2500 Amperes Average 2100 Volts 4820 A, 1200 V, SCR Phase Control SCR 2500 Amperes Average 2100 Volts 相位控制晶闸管二五○○安培平100伏特 Phase Control SCR 2500 Amperes Average 1600-2100 Volts
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors] Powerex Power Semicondu...
|
C350PM C350M C350N C350P C350PB C350PD |
Phase Control SCR 115 Amperes Avg 500-1300 Volts Phase Control SCR 115 Amperes Average 1600 Volts
|
POWEREX[Powerex Power Semiconductors]
|
T7202045 T7201045 T7200855 T7202255 T7201245 T7200 |
Phase Control SCR (450-550 Amperes 2400 Volts) 850 A, 1800 V, SCR Phase Control SCR (450-550 Amperes 2400 Volts) 700 A, 1800 V, SCR Phase Control SCR (450-550 Amperes 2400 Volts) 700 A, 1200 V, SCR Phase Control SCR (450-550 Amperes 2400 Volts) 850 A, 600 V, SCR
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
T6101115 T6101118 T6100715 T6100718 T6100815 T6100 |
Phase Control SCR (125-175 Amperes Avg 100-1600 Volts) Phase Control SCR (125-175 Amperes 1600 Volts) 235 A, 1100 V, SCR
|
http:// POWEREX[Powerex Power Semiconductors] Powerex, Inc. Powerex Power Semiconductor...
|
C430TX555 C430EX555 C430MX555 C430NX555 C430PAX555 |
240 x 128 pixel format, STN Blue CAP 0.01UF 200V 200V X7R RAD.20 .30X.30 BULK R-MIL-PRF-39014 STANDOFF Phase Control SCR 760 Amperes Avg 500-1300 Volts 相位控制晶闸管七百六十安培平500-1300伏特 Phase Control SCR 760 Amperes Avg 500-1300 Volts 相位控制晶闸管七百六十安培平00-1300伏特
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
111RIA80 110RIA 110RIA120 110RIA80 111RIA 111RIA12 |
Silicon Controlled Rectifier, 172 A, 800 V, SCR, TO-209AC, METAL GLASS, TO-94, 3 PIN 800V 110A Phase Control SCR in a TO-209AC (TO-94) package 1200V 110A Phase Control SCR in a TO-209AC (TO-94) package 400V 110A Phase Control SCR in a TO-209AC (TO-94) package PHASE CONTROL THYRISTORS From old datasheet system
|
Vishay Semiconductors IRF[International Rectifier]
|
C702LN C702CB C702CP C702LC C702LD C702LM |
Phase Control SCR 1000 Amperes Avg 2300-3200 Volts 1570 A, 2300 V, SCR
|
Powerex Power Semiconductor... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
C781PT C781PM C781PS C781PN |
Phase Control SCR 2500 Amperes Average 1600-2100 Volts 4820 A, 1600 V, SCR
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
CR3CM |
Lead-mount, Phase Control SCR 3 Amperes/400-600 Volts 铅安装,相位控制晶闸3 Amperes/400-600伏特
|
Powerex, Inc.
|
ST110S16P1V ST110S04P0 ST110S04P1 ST110S04P1V ST11 |
PHASE CONTROL THYRISTORS 1400V 110A Phase Control SCR in a TO-209AC (TO-94C) package 1200V 110A Phase Control SCR in a TO-209AC (TO-94) package 400V 110A Phase Control SCR in a TO-209AC (TO-94) package 800V 110A Phase Control SCR in a TO-209AC (TO-94) package 1600V 110A Phase Control SCR in a TO-209AC (TO-94C) package
|
IRF[International Rectifier]
|